|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KBPC 2500I ... KBPC 2510 ... Square bridge Silicon-Bridge Rectifiers KBPC 2500I ... KBPC 2510I Forward Current: 25 A Reverse Voltage: 50 to 1000 V Absolute Maximum Ratings Symbol Conditions Values Units Publish Data Features Mechanical Data Characteristics Symbol Conditions Values Units Dimensions in mm 1 26-10-2004 SCT (c) by SEMIKRON KBPC 2500I ... KBPC 2510 ... Fig. 1 : Forward characteristics (typical values) Fig. 2 : Rated forward current vs. ambient temperature 2 26-10-2004 SCT (c) by SEMIKRON |
Price & Availability of KBPC2510I |